| データシートサーチシステム |
|
MUWT011B3-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MUWT011B3-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: MUWT MUWT SPECIFICATIONS ES-1926 Rev.3 Page 2/5 http://www.m-system.co.jp/ Suffix code 3 has been discontinued. Select code 4 instead. 4: Power photo MOSFET relay [5] POWER INPUT AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power S: 12 V DC R: 24 V DC V: 48 V DC P: 110 V DC [6] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Voltage input to current input to DC output to pulse output to power Overrange output: Approx. -10 – +120 % at 1 – 5 V Zero adjustment(DC output): -5 to + 5 % (front) Span adjustment(DC output): 95 to + 105 % (front) INPUT SPECIFICATIONS Frequency: 50 or 60 Hz • Current Input Operational range: 0 – 120 % of rating Overload capacity: 1000 % of rating for 3 sec., 200 % for 10 sec., 120% continuous • Voltage Input Operational range: 0 – 120 % of rating Overload capacity: 150 % of rating for 10 sec., 120 % continuous ■ How To Determine Wattage Range Calibration Range [W] = Measuring Wattage ÷ ((VT Ratio) × (CT Ratio)) Check that the required calibration range is within the available range in the table. Specify this range when ordering. [example] 3-phase / 3-wire, measuring wattage 750 kW, VT 3300/110 V, CT 250/5 A 750 × 103 [W] ÷ ((3300÷110) × (250÷5))= 0 – 500 [W] • 3-phase / 3-wire VOLTAGE INPUT CURRENT INPUT STD RANGE AVAILABLE RANGE BURDEN BURDEN 110V 0.2VA×2 1A 0.1VA×2 ±200W ±100W – ±240W 5A 0.5VA×2 ±1000W ±500W – ±1200W 220V 0.4VA×2 1A 0.1VA×2 ±400W ±200W – ±480W 5A 0.5VA×2 ±2000W ±1000W – ±2400W • Single-phase / 2-wire VOLTAGE INPUT CURRENT INPUT STD RANGE AVAILABLE RANGE BURDEN BURDEN 110V 0.2VA 1A 0.1VA ±100W ±50W – ±120W 5A 0.5VA ±500W ±250W – ±600W 220V 0.4VA 1A 0.1VA ±200W ±100W – ±240W 5A 0.5VA ±1000W ±500W – ±1200W • Single-phase / 3-wire VOLTAGE INPUT CURRENT INPUT STD RANGE AVAILABLE RANGE BURDEN BURDEN 100/ 200V *1 0.2VA×2 1A 0.1VA×2 ±200W ±100W – ±240W 5A 0.5VA×2 ±1000W ±500W – ±1200W 100/200V: 100V = phase voltage 200V = line voltage except the grounding. OUTPUT SPECIFICATIONS ■ DC Output • DC Current: 0 – 20 mA DC and ±1 mA Minimum span: 1 mA Offset: ≤ 1.5 times span Load resistance: Output drive 12 V max.; 10 V for [±] output ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max. at ≥ 0.5 V ■ Pulse output: Frequency output proportional to the input; 0 – 2.777 Hz typical; 0 Hz at 0 W (cutout at approx. 0.5 – 1.0 %); max. 27.77 Hz at 100 % input • Power Photo MOSFET Relay Rating: 120 V AC/DC @ 100 mA (resistive load) Max. ON resistance: 10 Ω • Open Collector |