| データシートサーチシステム |
|
MUWT01A5W4-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MUWT01A5W4-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: MUWT MUWT SPECIFICATIONS ES-1926 Rev.3 Page 3/5 http://www.m-system.co.jp/ Rating: 35 V DC @ 100 mA ON voltage: ≤ 1 V at 100 mA ON duration: 25 msec. min., 0.5 sec. max. (at 0 – 2.777 Hz) • Pulse Unit: refers to how much electrical energy (kWh) consumption at the primary of the VT and CT corresponds to the single output pulse per hour from the transducer. • How to Set Pulse Unit: The switches S1 through S5, VT and CT ratios, and the transducer's calibration input range all determine the relative value of one pulse, i.e. the number of kWh per pulse. (VT Ratio × CT Ratio × Calibration Range [kW]) ÷ (2.777 [Hz] × 3600 [sec.] × 10 × Pulse Unit [kWh/pulse]) = 0.XXXX × 10–X = 0. [a1] [a2] [a3] [a4] × 10–[a5] a1 thr. a4: integer, 1 though 9 a5: integer, 0 through 6 [example] VT 3300 V / 110 V, CT 250 A / 5 A, Pulse Unit 10 [kWh/pulse], Calibration Range 1000 [W] ((3300 ÷ 110) × (250 ÷ 5) × 1 [kW]) ÷ (2.777 Hz × 3600 [sec.] × 10 × 10 [kWh/pulse]) = 0.1500 × 10–2 S1 = 1, S2 = 5, S3 = 0, S4 = 0, S5 = 2 500 1000 W 0 12 OUT 20 mA 500 1000 W 0 5 OUT 10 V 4 0 +1000 W -1000 W 12 OUT 20 mA 0 +1000 W -1000 W 0 OUT +10 V 4 -10 V s OPERATION DIAGRAM (example) INSTALLATION Power input • AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 2 VA • DC: Operational voltage range: rating ±10 %, or 85 – 150 V for 110 V rating, ripple 10 %p-p max., approx. 2 W (18 mA at 110 V) Operating temperature: -5 to +60°C (23 to 140°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 550 g (1.21 lb) PERFORMANCE in percentage of span Accuracy: ±0.5 % Temp. coefficient: ±0.05 %/°C (±0.03 %/°F) Response time: ≤ 1 sec. (0 – 90 %) Ripple: 0.5 %p-p max. (50/60 Hz) The output ripple may increase when there is great difference between the frequencies of input signal and power supply. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (voltage input to current input to DC output to power to ground) 1000 V AC @ 1 minute (pulse output to voltage input or current input or DC output or power or ground) |