| データシートサーチシステム |
|
ACE25AA320GFMTH データシート(PDF) 25 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25AA320GFMTH データシート(HTML) 25 Page - ACE Technology Co., LTD. |
|
25 / 67 page ![]() ACE25AA320G Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase VER 1.2 25 Quad I/O Fast Read with “Continuous Read Mode” The Quad I/O Fast Read command can further reduce command overhead through setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5- 4) =(1, 0), then the next Quad I/O Fast Read command (after CS# is raised and then lowered) does not re- quire the EBH command code. The command sequence is shown in Figure 11a. If the “Continuous Read Mode” (M5- 4) do not equal (1, 0), the next command requires the first EBH command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M5- 4) before issuing normal command. Figure11.Quad I/O Fast Read Sequence Diagram (M5- 4≠(1, 0)) Figure11a.Quad I/O Fast Read Sequence Diagram (M5-4=(1, 0)) |