データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDLA-1414 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HDLA-1414
部品情報  Four Character Smart Alphanumeric Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-1414 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDLA-1414 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-1414 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Intensity Range (mcd)
Bin
Min.
Max.
E
3.97
6.79
F
5.55
9.50
G
7.78
13.30
H
10.88
18.62
I
15.24
26.07
J
21.33
36.49
Note:
Test conditions as specified in Optical Characteristic table.
Intensity Bin Limits for HDLS-1414
Intensity Range (mcd)
Bin
Min.
Max.
A
1.20
1.77
B
1.45
2.47
C
2.02
3.46
D
2.83
4.85
E
3.97
6.79
F
5.55
9.50
G
7.78
13.30
Note:
Test conditions as specified in Optical Characteristic table.
Intensity Bin Limits for HDLX-1414
Color Range (nm)
Color
Bin
Min.
Max.
Green
1
576.0
580.0
2
573.0
577.0
3
570.0
574.0
4
567.0
571.5
Yellow
3
581.5
585.0
4
584.0
587.5
5
586.5
590.0
6
589.0
592.5
Note:
Test conditions as specified in Optical Characteristic table.
Color Bin Limits



Html Pages

1 2 3 4 5 6 7 8 9 10