| データシートサーチシステム |
|
OBT50-R2-E0-L データシート(PDF) 3 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBT50-R2-E0-L データシート(HTML) 3 Page - Pepperl+Fuchs Inc. |
|
3 / 3 page ![]() Germany: +49 621 776 4411 Pepperl+Fuchs Group Refer to “General Notes Relating to Pepperl+Fuchs Product Information”. USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Laser triangulation sensor with background suppression OBT50-R2-E0-L 3 • The irradiation can lead to irritation especially in a dark environment. Do not point at people! • Maintenance and repairs should only be carried out by authorized service personnel! • Attach the device so that the warning is clearly visible and readable. • The warning accompanies the device and should be attached in immediate proximity to the device. • Caution – Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation exposure. Curves/Diagrams Laser notice laser class 1 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0 10 20 30 40 50 60 70 X Distance in mm Diameter in mm Light spot diameter X white grey black Distance X [mm] Object colour Detection ranges 0 4 8 10 12 16 18 20 24 28 32 36 40 44 48 52 |