| データシートサーチシステム |
|
R30GCIE1S/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R30GCIE1S/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: R30GCIE1 R30GCIE1 SPECIFICATIONS ES-9027 Rev.3 Page 3/5 https://www.m-system.co.jp/ TRANSMISSION DATA DESCRIPTIONS Number of transmission data: 4 points (4 words) for input; 4 points (4 words) for output This unit is equivalent to an analog I/O mixed module (AIO4) of R30 series, and is recognized as an I/O module by Interface module (e.g. model: R30NECT1). Station type: Remote device station Link device: RX/RY 128 points, RWw/RWr 64 points Host PC/PLC Input data R30PS1 Output data R30Nx * R30GCIE1 CC-Link IE Field master Output data RWw Input data RWr • DATA FLOW * R30Nx: R30 Interface module n: initial device 0 15 RWw (n + 0) RWw (n + 1) RWw (n + 2) RWw (n + 3) RWw (n + 4) RWw (n + 63) ■ OUTPUT DATA The figure below shows details of data transmitted to Host PC/PLC from Interface module. [CC-Link IE Field master]—>[R30GCIE1]—>[R30 internal bus] —>[R30 interface module]—>[Host PC/PLC] Output data (RWw) from CC-Link IE Field master is transmitted as Input data to Host PC/PLC. Output data Not in use n: initial device 0 15 RWr (n + 0) RWr (n + 1) RWr (n + 2) RWr (n + 3) RWr (n + 4) RWr (n + 63) ■ INPUT DATA The figure below shows details of data received by Interface module from Host PC/PLC. [Host PC/PLC]—>[R30 interface module]—>[R30 internal bus] —>[R30GCIE1]—>[CC-Link IE Field master] Output data from Host PC/PLC is transmitted as Input data (RWr) to CC-Link IE Field master. Input data Not in use |