| データシートサーチシステム |
|
OBE500-R2F-SE0-L データシート(PDF) 3 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBE500-R2F-SE0-L データシート(HTML) 3 Page - Pepperl+Fuchs Inc. |
|
3 / 4 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Laser thru-beam sensor OBE500-R2F-SE0-L 3 The thru-beam sensor enables the switching points to be taught in for optimum adaptation to specific applications. This eliminates the need for additional components such as apertures. The sensitivity of the thru-beam sensor can be adjusted using three Teach-in methods: Position Teach When using this Teach-in method, the following settings are made on the thru-beam sensor: • The gain is set to an optimum value • The signal threshold is set to a minimum FDA approval IEC 60825-1:2007 Complies with 21 CFR 1040.10 and 1040.11 except for deviations pursuant to Laser Notice No. 50, dated June 24, 2007 Curves/Diagrams Teach-In Methods X Offset Y [mm] Distance X [mm] Characteristic response curve 4 3 2 1 0 -1 -2 -3 -4 0 100 200 300 400 500 600 700 800 X 1000 100 10 1 FR2 0 100 200 300 400 500 600 700 Distance X [mm] Excess gain Relative received light strength 0 100 200 300 400 500 600 700 800 7 6 5 4 3 2 1 0 X Distance in mm Diameter in mm Light spot diameter |