データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OBE2000-R2-SE2 データシート(PDF) 4 Page - Pepperl+Fuchs Inc.

部品番号 OBE2000-R2-SE2
部品情報  Thru-beam sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PF [Pepperl+Fuchs Inc.]
ホームページ  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE2000-R2-SE2 データシート(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBE2000-R2-SE2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE2000-R2-SE2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE2000-R2-SE2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE2000-R2-SE2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE2000-R2-SE2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Thru-beam sensor
OBE2000-R2-SE2
4
The thru-beam sensor enables the switching points to be taught in for optimum adaptation to specific applications. This eliminates the need for
additional components such as apertures.
Essentially, all Teach-in methods can be used in both "High Precision" and "High Power" operating modes.
The sensitivity of the thru-beam sensor can be adjusted using three Teach-in methods:
Position Teach
When using this Teach-in method, the following settings are made on the thru-beam sensor:
• The gain is set to an optimum value
• The signal threshold is set to a minimum
Teach-In Methods
X
100
10
1
0.1
0
50
100
150
200
250
300
350
2
Distance X [mm]
Relative received light strength High Precision Modus
Stability control
350
300
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
X
Distance in m
Light spot diameter Long Range Modus
Diameter in mm
6
5
4
3
2
1
0
0
0.05
0.10
0.15
0.20
0.25
0.30
X
Distance in m
Light spot diameter High Precision Modus
Diameter in mm



Html Pages

1 2 3 4 5