| データシートサーチシステム |
|
R1M-P4T-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1M-P4T-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: R1M-P4 R1M-P4 SPECIFICATIONS ES-5664 Rev.11 Page 4/7 http://www.m-system.co.jp/ MODBUS WIRING CONNECTION R1M T1 T2 T3 T4 R1M T1 T2 T3 T4 T1 T2 T3 T4 R1M RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. Install shielded cables to all sections and ground them at single point. *2 FG RS-485 CONNECTION DIAGRAM RS-232-C T3 T4 T2 T1 T7 T6 T5 Term. Resist. Output Circuit When the device is located at the end of a transmission line via twisted-pair cable, (when there is no cross-wiring), close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire). When the device is not at the end, remove the jumper pin. * Power Circuit + – Shielded Twisted-pair Cable To Other I/O Modules Jumper* FG U (+) V (–) POWER 9 8 7 6 5 4 3 2 1 10 12 11 13 15 14 16 17 18 20 19 21 22 23 24 25 27 26 28 29 30 31 32 33 35 34 36 ch.A ch.B ch.C ch.D COM (–) COM (–) COUNTER RESET ch.1 ch.2 ch.3 ch.4 ch.5 ch.6 ch.7 ch.8 COM (–) ch.1 ch.2 ch.3 ch.4 ch.5 ch.6 ch.7 ch.8 COM (–) I 0 Circuit TOTALIZED COUNTER INPUT CONTACT INPUT CONTACT OUTPUT DO NOT CONNECT to the terminals 5 thr. 8 or 10 thr. 16. Wrong connection may cause failure of the device. Caution: FG terminal is NOT a protective conductor terminal. |