| データシートサーチシステム |
|
SMH4803DHKP データシート(PDF) 3 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMH4803DHKP データシート(HTML) 3 Page - Summit Microelectronics, Inc. |
|
3 / 22 page ![]() 3 2041 8.4 6/15/00 SMH4803 SUMMIT MICROELECTRONICS *COMMENT Stresses listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside those listed in the operational sections of this speci- fication is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. ABSOLUTE MAXIMUM RATINGS Temperature Under Bias -55°C to +125°C Storage Temperature -65°C to +150°C Voltage on pins with respect to V SS Vdd -0.5V to Vdd UV, OV, CBSense, Drain Sense -0.5V to Vdd +0.5V PD1#, PD2#, CBMode, CBReset# 10V ENPGA, ENPGB, EN/TS CBFault#, PG1#, PG2#, PG3# -0.5V to Vdd +0.5V Vgate Vdd + 0.5V Lead Solder Temperature (10 secs) 300 °C Symbol Parameter Notes Min. Typ. Max. Units VDD Supply Voltage IDD = 2mA 11 12 13 V Vref5 5Volt Reference Output IDD = 2mA 4.75 5 5.25 V ILOAD5 5Volt Reference Output Current IDD = 2mA -1 1 mA Vref2.5 2.5 Volt Reference Output TA = 25 °C, IDD = 2mA 2.475 2.5 2.525 V Vref2.5 2.5 Volt Reference Output IDD = 2mA 2.425 2.5 2.575 V ILOAD2.5 2.5 Volt Reference Output Current IDD = 2mA -0.2 1 mA IDD Power Supply Current Output Enabled 2 10 mA VUV Under voltage Threshold TA = 25 °C, IDD = 2mA 2.475 2.5 2.525 V VUV Under voltage Threshold IDD = 2mA 2.425 2.5 2.575 V VUVHYS Under voltage Hysteresis IDD = 2mA 10 mV VOV Over voltage Threshold TA = 25 °C, IDD = 2mA 2.475 2.5 2.525 V VOV Over voltage Threshold IDD = 2mA 2.425 2.5 2.575 V VOVHYS Over voltage Hysteresis IDD = 2mA 10 mV VVGATE Vgate Output Voltage VDD V IVGATE Vgate Current Output 100 µA VSENSE Drain Sense threshold TA = 25 °C, IDD = 2mA 2.475 2.5 2.525 V VSENSE Drain Sense threshold IDD = 2mA 2.425 2.5 2.575 V ISENSE Drain Sense Output Current (Note 1) VSENSE = VSS 910 11 µA VCB Circuit Breaker Threshold IDD = 2mA 40 50 60 mV VQCB Quick-Trip Circuit Breaker Threshold Option E 200 mV Option F 100 mV Option H 50 mV Option J OFF VENTS EN/TS Threshold TA = 25 °C, IDD = 2mA 2.425 2.5 2.575 V VENTS EN/TS Threshold IDD = 2mA 2.475 2.5 2.525 V VENTSHYS EN/TS Hysteresis IDD = 2mA 5 10 15 mV VIH Input High Voltage ENPGA/B, 2 Vref5 V CBMode, CBReset# VIL Input High Voltage ENPGA/B, -0.1 0.8 V CBMode, CBReset# VOL CBFault# Output Low Voltage IOL = 2mA 0 0.4 V VOL PG1#, PG2#, PG3# Output Low ISINK = 2mA 0 0.4 V DC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions, Voltages are relative to VSS) 2041 PGM T4.4 (Note 1) : TA = 25 °C |