| データシートサーチシステム |
|
OBG5000-R101-2P1-IO-V31 データシート(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBG5000-R101-2P1-IO-V31 データシート(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 3 page ![]() Germany: +49 621 776 4411 Pepperl+Fuchs Group Refer to “General Notes Relating to Pepperl+Fuchs Product Information”. USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com 1 Retroreflective sensor OBG5000-R101-2P1-IO-V31 Dimensions Electrical connection Pinout Indicators/operating means Emitter/Receiver 3 6.4 ø 3.2 (2x) 8 18.3 20.5 6.6 M2 (2x) 9.85 13.9 M8x1 1 L+ L- 4 2 3 Q C/Q 13 24 1 BN 2 WH 3 BU 4 BK Wire colors in accordance with EN 60947-5-2 (brown) (white) (blue) (black) 1 Operating indicator / dark on 2 Signal indicator 3 Operating indicator / light on 1 2 3 Model Number OBG5000-R101-2P1-IO-V31 Retroreflective sensor (glass) with 4-pin, M8 x 1 connector Features • Miniature design with versatile mounting options • Detects transparent objects, i.e., clear glass, PET and transparent films • Two machines in one: clear object detection or reflection operating mode with long range • High degree of protection IP69K • IO-link interface for service and process data Product information The miniature optical sensors are the first devices of their kind to offer an end-to- end solution in a small single standard design — from thru-beam sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all standard automation tasks. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor. The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their operating environment. |
同様の部品番号 - OBG5000-R101-2P1-IO-V31 |
|
同様の説明 - OBG5000-R101-2P1-IO-V31 |