| データシートサーチシステム |
|
MIC861 データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC861 データシート(HTML) 16 Page - Microchip Technology |
|
16 / 24 page ![]() MIC861 DS20006347A-page 16 2020 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 5-Lead SC70* (Front) Example XXX A33 Example NNN 415 5-Lead SC70* (Back) Legend: XX...X Product code or customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |