データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD301-B-15M データシート(PDF) 71 Page - STMicroelectronics

部品番号 PSD301-B-15M
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301-B-15M データシート(HTML) 71 Page - STMicroelectronics

Back Button PSD301-B-15M Datasheet HTML 67Page - STMicroelectronics PSD301-B-15M Datasheet HTML 68Page - STMicroelectronics PSD301-B-15M Datasheet HTML 69Page - STMicroelectronics PSD301-B-15M Datasheet HTML 70Page - STMicroelectronics PSD301-B-15M Datasheet HTML 71Page - STMicroelectronics PSD301-B-15M Datasheet HTML 72Page - STMicroelectronics PSD301-B-15M Datasheet HTML 73Page - STMicroelectronics PSD301-B-15M Datasheet HTML 74Page - STMicroelectronics PSD301-B-15M Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
PSD3XX Family
68
Family: Plastic Leaded Chip Carrier
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
A
4.19
4.57
0.165
0.180
A1
2.54
2.79
0.100
0.110
A2
3.76
3.96
0.148
0.156
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
C
0.246
0.262
0.0097
0.0103
D
17.40
17.65
0.685
0.695
D1
16.51
16.61
0.650
0.654
D2
14.99
16.00
0.590
0.630
D3
12.70
Reference
0.500
Reference
E
17.40
17.65
0.685
0.695
E1
16.51
16.61
0.650
0.654
E2
14.99
16.00
0.590
0.630
E3
12.70
Reference
0.500
Reference
e1
1.27
Reference
0.050
Reference
N44
44
030195R6
Drawing J2 – 44-Pin Plastic Leaded Chip Carrier (PLDCC) (Package Type J)
D3
B
A1 A2
E1
E
D2
A
E2
C
D
D1
44
1
2
3
E3
e1
B1
21.0 Package Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85