| データシートサーチシステム |
|
R3-RS4S/CE データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-RS4S/CE データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: R3-RS4 R3-RS4 SPECIFICATIONS ES-8364 Rev.13 Page 3/4 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] 1 11 12 13 14 15 16 17 18 19 20 2 3 4 5 6 7 8 9 10 27.5 [1.08] 109 [4.29] POSITIONING GUIDE TERMINAL COVER 20–M3 SCREW SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM A B B RTD INPUT 1 1 2 A B B A B B A B B RTD 11 12 Input Circuit INPUT 2 3 4 RTD 13 14 Input Circuit INPUT 3 6 7 RTD 16 17 Input Circuit INPUT 4 8 9 18 19 Input Circuit Communication Circuit INTERNAL POWER *For dual redundant communication. Control Circuit DIP SW RUN LED ERR LED 15 5 20 10 • Unused Input Channels Close across the unused input terminals with a resistor as shown below and set the DIP switch for Pt 100 input. Unused channels left open are equal to the burnout, which turns the red ERR LED on and sets a burnout flag at the PLC or the host device. Unused channels can be specified and set so on the PC Configurator Software (model: R3CON) without needing to connect resistors at the field terminals. 1 2 INPUT 1 3 4 INPUT 2 6 7 INPUT 3 9 INPUT 4 100Ω 11 13 16 18 8 INTERNAL BUS A INTERNAL BUS B* |