| データシートサーチシステム |
|
OBR1500-R3F-E2-L データシート(PDF) 3 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBR1500-R3F-E2-L データシート(HTML) 3 Page - Pepperl+Fuchs Inc. |
|
3 / 3 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Laser retroreflective sensor OBR1500-R3F-E2-L 3 • The irradiation can lead to irritation especially in a dark environment. Do not point at people! • Maintenance and repairs should only be carried out by authorized service personnel! • Attach the device so that the warning is clearly visible and readable. • The warning accompanies the device and should be attached in immediate proximity to the device. • Caution – Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation exposure. Curves/Diagrams Laser notice laser class 1 X MH20 MH23 H23 H40 Offset Y [mm] Distance X [mm] Characteristic response curve 10 5 0 -5 -10 0 400 800 1200 1600 2000 X MH20 MH23 H23 H40 0 500 1000 1500 2000 100 10 1 FR2 Distance X [mm] Excess gain Relative received light strength 0 500 1000 1500 2000 41 36 31 26 21 16 11 6 1 X Distance in mm Diameter in mm Light spot diameter |