データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM13005 データシート(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号 HM13005
部品情報  TO-220 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM13005 データシート(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM13005 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM13005 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220 Plastic-Encapsulate Transistors
HM13005 TRANSISTOR( NPN )
FEATURES
Power switching applications
Maximum ratings (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current -Continuous
4
A
PC
Collector Power Dissipation
2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA, IE=0
700
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
400
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 0.1mA, IC=0
9
V
Collector cut-off current
ICBO
VCB= 700V, IE=0
100
uA
Collector cut-off current
ICEO
VCE= 400V, IB=0
100
uA
Emitter cut-off current
IEBO
VEB= 9V, IC=0
100
uA
DC current gain
hFE1
VCE= 5V, IC= 1A
10
60
hFE2
VCE= 5V, IC= 1mA
5
hFE3
VCE= 5V, IC=100mA
8
hFE4
VCE= 5V, IC=500mA
10
Collector-emitter saturation voltage
VCE(sat)
IC=2A,IB=0.5A
1.0
V
Base-emitter saturation voltage
VBE(sat)
IC=2A, IB=0.5A
1.5
V
Transition Frequency
fT
VCE=10V, IC=0.5A,f=1MHZ
5
MHZ
Fall time
tf
IC=0.5A,UI=9600
0.6
µs
Storage time
ts
1.8
6.6
µs
CLASSIFICATION OF hFE1
Rank
Range
10-15
15-20
20-25
25-30
30-35
35-40
40-45
45-50
50-55
55-60
1. BASE
2. COLLECTOR
3. EMITTER


同様の部品番号 - HM13005

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HM1300 HSMC-HM1300 Datasheet
33Kb / 3P
SILICON PNP EPITAXIAL TYPE
logo
SHANTOU HUASHAN ELECTRO...
HM13002 HUASHAN-HM13002 Datasheet
111Kb / 2P
NPN SILICON TRANSISTOR
HM13003 HUASHAN-HM13003 Datasheet
110Kb / 2P
NPN SILICON TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM13003 HMSEMI-HM13003 Datasheet
316Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
HM13007 HMSEMI-HM13007 Datasheet
453Kb / 1P
TO-220 Plastic-Encapsulate Transistors
More results

同様の説明 - HM13005

メーカー部品番号データシート部品情報
logo
Avic Technology
AV13007 AVICTEK-AV13007 Datasheet
397Kb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
3DD13007 JIANGSU-3DD13007 Datasheet
38Kb / 1P
TO-220 Plastic-Encapsulate Transistors
logo
Nanjing International G...
13005 DGNJDZ-13005 Datasheet
4Mb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB772 JIANGSU-2SB772 Datasheet
774Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SC4544 JIANGSU-2SC4544 Datasheet
999Kb / 3P
TO-220 Plastic-Encapsulate Transistors
2SD1138 JIANGSU-2SD1138 Datasheet
771Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
KTC2026 JIANGSU-KTC2026 Datasheet
903Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
KTC3229 JIANGSU-KTC3229 Datasheet
567Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Shenzhen Huazhimei Semi...
HM13009 HMSEMI-HM13009 Datasheet
205Kb / 1P
TO-220 Plastic-Encapsulate Transistors
HM13007 HMSEMI-HM13007 Datasheet
453Kb / 1P
TO-220 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com