| データシートサーチシステム |
|
ZPSD301R-B-15J データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301R-B-15J データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 85 page ![]() 5.0 Partial Listing of Microcontrollers Supported PSD3XX Family 6 t Motorola family: 68HC11, 68HC16, M68000/10/20, M68008, M683XX, 68HC05C0 t Intel family: 80C31, 80C51, 80C196/198, 80C186/188 t Philips family: 80C31 and 80C51 based MCUs t Zilog: Z8, Z80, Z180 t National: HPC16000, HPC46400 t Echelon/Motorola/Toshiba: NEURON® 3150™ Chip 6.0 Applications t Telecommunications: • Cellular phone • Digital PBX • Digital speech • FAX • Digital Signal Processing (DSP) t Portable Industrial Equipment: • Industrial control • Measurement meters • Data recorders t Instrumentation t Medical Instrumentation: • Hearing aids • Monitoring equipment • Diagnostic tools t Computers—notebooks, portable PCs, and palm-top computers: • Peripheral control (fixed disks, laser printers, etc.) • Modem Interface • MCU peripheral interface Portable and battery-powered systems have recently become major embedded control application segments. As a result, the demand for electronic components having extremely low power consumption has increased dramatically. Recognizing this trend, ST developed a new lower power 3XX part, denoted ZPSD3XX. The Z stands for Zero-power because ZPSD products virtually eliminate the DC component of power consumption, reducing it to standby levels. Virtual elimination of the DC component is the basis for the words “Zero-power” in the ZPSD name. ZPSD products also minimize the AC power component when the chip is changing states. The result is a programmable microcontroller peripheral family that replaces discrete circuit components, while drawing less power. 7.0 ZPSD Background |