データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R3-US4 データシート(PDF) 2 Page - M-System Co.,Ltd.

部品番号 R3-US4
部品情報  Remote I/O R3 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-US4 データシート(HTML) 2 Page - M-System Co.,Ltd.

  R3-US4 Datasheet HTML 1Page - M-System Co.,Ltd. R3-US4 Datasheet HTML 2Page - M-System Co.,Ltd. R3-US4 Datasheet HTML 3Page - M-System Co.,Ltd. R3-US4 Datasheet HTML 4Page - M-System Co.,Ltd. R3-US4 Datasheet HTML 5Page - M-System Co.,Ltd. R3-US4 Datasheet HTML 6Page - M-System Co.,Ltd. R3-US4 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-US4
R3-US4 SPECIFICATIONS
ES-8449 Rev.7 Page 2/7
http://www.m-system.co.jp/
Except the case that the input voltage is out of -1.3 to +1.3
V for ±60 mV, ±125 mV, ±250 mV, ±500 mV and ±1000
mV ranges
Input range: See Table 1.
■ Thermocouple
Input resistance: ≥ 600 kΩ
Input range: See Table 2-1 and 2-2. (standard accuracy),
see Table 5 (high accuracy).
Burnout sensing
Upscale: ≤ 130 nA
Downscale: ≤ 220 nA
No burnout: ≤ 10 nA
■ RTD (3-wire)
Excitation: 1.25 V / (1.31 kΩ + load resistance across the
terminals A – C)
Input range: See Table 3 (standard accuracy), see Table 6
(high accuracy).
Allowable leadwire resistance: 20 Ω per wire
■ Potentiometer
Excitation: 1.25 V / (1.31 kΩ + total resistance)
Total resistance: See Table 4.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 210 g (0.46 lb)
PERFORMANCE
Conversion accuracy: See Table 1 through 6.
Conversion rate: See Table 1 through 6.
Data range
DC Voltage or potentiometer: 0 to 10000 for input range
Thermocouple or RTD (standard accuracy)
°C, absolute temperature: Engineering unit value × 10
(integer)
°F: Engineering unit value (integer)
Thermocouple or RTD (high accuracy)
°C: Engineering unit value × 100 (integer)
°F: Engineering unit value × 10 (integer)
(Absolute temperature not available for high accuracy)
Data allocation: 4
Current consumption: 60 mA
Cold junction compensation error: ±1.0°C maximum (at
25°C ±10°C); ±1.8°F maximum (at 77°F ±18°F)
(±1.5°C or ±2.7°F for R, S, PR)
Cold junction compensation is not available for B
thermocouple.
Temp. coefficient: See Tables 1 through 6.
Burnout response
Thermocouple K (CA), E (CRC), J (IC), N, L, P (Platinel II):
≤ 20 sec. for upscale
≤ 10 sec. for downscale
RTD or the other thermocouple types: ≤ 10 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V peak @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com