| データシートサーチシステム |
|
R3-WT1B2AS データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-WT1B2AS データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: R3-WT1B R3-WT1B SPECIFICATIONS ES-8417 Rev.5 Page 2/5 http://www.m-system.co.jp/ INPUT SPECIFICATIONS Frequency: 50 or 60 Hz • Voltage Input Operational range: 0 – 120 % of rating Overload capacity: 150 % of rating for 10 sec., 120 % continuous • Current Input Range CLSB-05: 0 – 50 A AC CLSB-10: 0 – 100 A AC Operational range: 0 – 115 % of rating Be sure that the input voltage is of 440 V or less. ■ Power Factor Input Range: -1 – lag 0 – 1 – lead 0 – -1 Data range: -1000 – 0 – 1000 – 0 – -1000 with SW2-1 set to OFF A device which employs different measuring methods may show different outputs from that of M-System's. ■ Frequency Input Range: 45 – 65 Hz Data range: 4500 – 6500 ■ACTIVE / REACTIVE POWER INPUT RANGE •Single-phase/2-wire INPUT USABLE RANGE VT BURDEN (VA) 110V / 50A ±5500W 0.2/phase 110V / 100A ±11000W 220V / 50A ±11000W 0.4/phase 220V / 100A ±22000W •Single-phase/3-wire INPUT USABLE RANGE VT BURDEN (VA) 200V / 50A ±10000W 0.2/phase 200V / 100A ±20000W •3-phase/3-wire INPUT USABLE RANGE VT BURDEN (VA) 110V / 50A ±9526W / lead 9526 var lag 0.2/phase 110V / 100A ±19050W / lead 19050 var lag 220V / 50A ±19050W / lead 19050 var lag 0.4/phase 220V / 100A ±38100W / lead 38100 var lag Reactive power data in Lead: Positive, Lag: Negative Note: Invalid in single-phase systems. Choose VT ratio so that the calibration range calculated by the following equation is within the usable range in the above table. Calibration Range [W] = Measuring Wattage [W] (VT Ratio) × (Current Rating) INSTALLATION Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Atmosphere: No corrosive gas or heavy dust Mounting: Installation Base (model: R3-BSx) Weight: 300 g (0.66 lb) PERFORMANCE Accuracy (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz) (Except the sensor’s accuracy.) Active / reactive power: ±2 % (Add sensor’s accuracy for overall performance) Power factor: ±4 % (Add sensor’s accuracy for overall performance) Frequency: ±1 % Active / reactive energy: ±2 % (Add sensor’s accuracy for overall performance) Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m) Conversion rate: 100 msec. Conversion data: 16 bits / 32 bits Data allocation: 4, 8 or 16 selectable Current consumption: 150 mA Response time: ≤ 2 sec. (0 – 100 % ±1 %) Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (voltage input to current input or internal bus or internal power) 2000 V AC @ 1 minute (power input to FG; isolated on the power supply module) |