データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R3-WT4B21S/Q データシート(PDF) 1 Page - M-System Co.,Ltd.

部品番号 R3-WT4B21S/Q
部品情報  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT4B21S/Q データシート(HTML) 1 Page - M-System Co.,Ltd.

  R3-WT4B21S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT4B21S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT4B21S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT4B21S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT4B21S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT4B21S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT4B21S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R3-WT4B
R3-WT4B SPECIFICATIONS
ES-8384 Rev.5 Page 1/7
http://www.m-system.co.jp/
Remote I/O R3 Series
AC POWER INPUT MODULE
(4 input circuits, clamp-on current sensor type CLSB use)
52.5 (2.07)
130
(5.12)
109
(4.29)
mm (inch)
MODEL: R3-WT4B[1][2][3][4]
ORDERING INFORMATION
• Code number: R3-WT4B[1][2][3][4]
Specify a code from below for each of [1] through [4].
(e.g. R3-WT4B11W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
4B: 4 channels, Sensor type CLSB
[1] CONFIGURATION
1: 3-phase / 3-wire
2: Single-phase / 2-wire
3: Single-phase / 3-wire
[2] INPUT (unbalanced load)
1: 110 V AC / 50 A
2: 110 V AC / 100 A
5: 220 V AC / 50 A
6: 220 V AC / 100 A
A: 200 V AC / 50 A (single-phase/3-wire)
B: 200 V AC / 100 A (single-phase/3-wire)
[3] COMMUNICATION MODE
S: Single
W: Dual
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R3CON)
The R3CON is used to set up the software setting of this
module. Downloadable at M-System's web site.
• Clamp-on current sensor (model: CLSB-05)
• Clamp-on current sensor (model: CLSB-10)
Note: The clamp-on current sensor, not included in the
product package of the R3 module, must be ordered
separately. Refer to the data sheet for the sensor for more
information such as applicable wire diameter.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3.5 screw terminals (torque 0.8 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Sensor core to sensor output or current input or
internal bus or internal power to voltage input
Computation: Time division multiplication
DIP switch settings:
• Measuring variables
• Computation methods
• Count Reset (Disable/Enable)
• Others
Refer to the instruction manual for details.
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input abnormality;
Green in normal operating conditions.
Power ON timer: Starts conversion in 10 seconds after the
power is turned on.
Low-end cutout: Converted data forced to 0 % for 2 % or
less input. (Selectable by using R3CON)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Voltage Input
Operational range: 0 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
• Current Input


同様の部品番号 - R3-WT4B21S/Q

メーカー部品番号データシート部品情報
logo
M-System Co.,Ltd.
R3-WT4 MSYSTEM-R3-WT4 Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT411S MSYSTEM-R3-WT411S Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT411S/Q MSYSTEM-R3-WT411S/Q Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT411W MSYSTEM-R3-WT411W Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT411W/Q MSYSTEM-R3-WT411W/Q Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
More results

同様の説明 - R3-WT4B21S/Q

メーカー部品番号データシート部品情報
logo
M-System Co.,Ltd.
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-PT4 MSYSTEM-R3-PT4 Datasheet
115Kb / 3P
Remote I/O R3 Series AC VOLTAGE INPUT MODULE
R3-WTU MSYSTEM-R3-WTU Datasheet
157Kb / 4P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT4A MSYSTEM-R3-WT4A Datasheet
193Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4 MSYSTEM-R3-WT4 Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT1B MSYSTEM-R3-WT1B Datasheet
184Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1A MSYSTEM-R3-WT1A Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1 MSYSTEM-R3-WT1 Datasheet
192Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com