データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R3-WT4B2AW/Q データシート(PDF) 2 Page - M-System Co.,Ltd.

部品番号 R3-WT4B2AW/Q
部品情報  Remote I/O R3 Series AC POWER INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT4B2AW/Q データシート(HTML) 2 Page - M-System Co.,Ltd.

  R3-WT4B2AW/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT4B2AW/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT4B2AW/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT4B2AW/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT4B2AW/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-WT4B2AW/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-WT4B2AW/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-WT4B
R3-WT4B SPECIFICATIONS
ES-8384 Rev.5 Page 2/7
http://www.m-system.co.jp/
Range
CLSB-05: 0 – 50 A AC
CLSB-10: 0 – 100 A AC
Operational range: 0 – 115 % of rating
Be sure that the input volage is of 440 V or less.
■ Active Power Input Range
Choose VT ratio so that the calibration range calculated by
the following equation is within the usable range in the next
table.
Calibration Range [W] = Measuring Wattage [W] ÷ [(VT
Ratio) × (Current Rating)]
•Single-phase/2-wire
INPUT
USABLE RANGE
VT BURDEN (VA)
110V / 50A
±5500W
0.2/phase
110V / 100A
±11000W
220V / 50A
±11000W
0.4/phase
220V / 100A
±22000W
•Single-phase/3-wire
INPUT
USABLE RANGE
VT BURDEN (VA)
200V / 50A
±10000W
0.2/phase
200V / 100A
±20000W
•3-phase/3-wire
INPUT
USABLE RANGE
VT BURDEN (VA)
110V / 50A
±9526W
0.2/phase
110V / 100A
±19050W
220V / 50A
±19050W
0.4/phase
220V / 100A
±38110W
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 350 g (0.77 lb)
PERFORMANCE
Accuracy
(at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Active power: ±2 %
Active energy: ±2 %
Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m)
Conversion rate: 100 msec.
Conversion data: 16 bits / 32 bits
Data allocation: 4, 8 or 16 selectable
Current consumption: 150 mA
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (voltage input to
current input or internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com