| データシートサーチシステム |
|
R7F4DH-2DA16A-R データシート(PDF) 38 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7F4DH-2DA16A-R データシート(HTML) 38 Page - M-System Co.,Ltd. |
|
38 / 77 page ![]() MODEL: R7F4DH R7F4DH SPECIFICATIONS ES-7799 Rev.7 Page 38/77 http://www.m-system.co.jp/ PNP DISCRETE INPUT & NPN TRANSISTOR OUTPUT MODULE, 8 points each (MIL connector) MODEL: R7F4DH–2–DAC16A R7F4DH–3–DAC16A SPECIFICATIONS ■ COMMON SPECIFICATIONS Common: Negative common per 16 points Input rating/load voltage: 24 V DC ±10 %, ripple 5 %p-p max. Number of I/O: Input, 8 points; Output, 8 points Maximum I/O applicable at once: No limit (at 24 V DC) I/O status indicator: LED turns ON with contact ON Isolation: I/O or sensor excitation to HLS to power input to FE Data allocation: 1 ■ INPUT ON voltage / current: ≥ 15 V DC (I/O's X0 through X7 to GND) / ≥ 3.5 mA OFF voltage / current: ≤ 5 V DC (I/O's X0 through X7 to GND) / ≤ 1 mA Input current: ≤ 5.5 mA per point at 24 V DC Input resistance: Approx. 4.4 kΩ ON delay: ≤ 0.5 msec. OFF delay: ≤ 0.5 msec. ■ OUTPUT Rated output current: 0.1 A per point, 0.8 A per common Residual voltage: ≤ 1.2 V Leakage current: ≤ 0.1 mA ON delay: ≤ 0.2 msec. OFF delay: ≤ 0.5 msec. Overload current protection function: Limits the current value when overcurrent is detected Overheat Protection Function: Turns OFF the output when overheat is detected (When driving an inductive load, connect a diode in parallel with the load.) TERMINAL ASSIGNMENTS ■ I/O Terminal 2 1 20 19 1. TERMINAL BLOCK CODE 2 PIN No. ID FUNCTION PIN No. ID FUNCTION 1 X0 Input 0 11 Y2 Output 2 2 X1 Input 1 12 Y3 Output 3 3 X2 Input 2 13 Y4 Output 4 4 X3 Input 3 14 Y5 Output 5 5 X4 Input 4 15 Y6 Output 6 6 X5 Input 5 16 Y7 Output 7 7 X6 Input 6 17 GND 0V 8 X7 Input 7 18 GND 0V 9 Y0 Output 0 19 +24V 24VDC 10 Y1 Output 1 20 +24V 24VDC 2. TERMINAL BLOCK CODE 3 PIN No. ID FUNCTION PIN No. ID FUNCTION 1 +24V 24VDC 11 Y4 Output 4 2 +24V 24VDC 12 X4 Input 4 3 GND 0V 13 Y3 Output 3 4 GND 0V 14 X3 Input 3 5 Y7 Output 7 15 Y2 Output 2 6 X7 Input 7 16 X2 Input 2 7 Y6 Output 6 17 Y1 Output 1 8 X6 Input 6 18 X1 Input 1 9 Y5 Output 5 19 Y0 Output 0 10 X5 Input 5 20 X0 Input 0 |