| データシートサーチシステム |
|
R7E-DC16A-R データシート(PDF) 10 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7E-DC16A-R データシート(HTML) 10 Page - M-System Co.,Ltd. |
|
10 / 31 page ![]() MODEL: R7E R7E SPECIFICATIONS ES-7807 Rev.13 Page 10/31 http://www.m-system.co.jp/ DISCRETE INPUT MODULE, 16 points MODEL: R7E-DA16 SPECIFICATIONS Common: Positive or negative common (NPN/PNP) per 16 points Number of I/O: Input, 16 points Maximum inputs applicable at once: No limit (at 24 V DC) Input status indicator: LED turns ON with contact ON Isolation: Input to Ethernet to FG to power input Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max. ON voltage / current: ≥ 15 V DC (input – COM) / ≥ 3.5 mA OFF voltage / current: ≤ 5 V DC (input – COM) / ≤ 1 mA Input current: ≤ 5.5 mA per point at 24 V DC Input resistance: Approx. 4.4 kΩ ON delay: ≤ 2.0 msec. OFF delay: ≤ 2.0 msec. OPERATING MODE SETTING (*) Factory setting Caution ! - SW1-3 through 1-8 are unused. Be sure to turn off unused ones. • Extension (SW1-1, 1-2) SW1-1 SW1-2 Extension OFF OFF No extension (*) ON OFF Discrete input, 8 or 16 points OFF ON Discrete output, 8 or 16 points TERMINAL ASSIGNMENTS 10 NC 11 X1 12 X3 1 COM 2 X0 3 X2 13 X5 4 X4 14 X7 5 X6 15 X9 6 X8 16 XB 7 XA 17 XD 8 XC 9 XE 18 XF NO. ID FUNCTION NO. ID FUNCTION 1 COM Common 10 NC No Connection 2 X0 Input 0 11 X1 Input 1 3 X2 Input 2 12 X3 Input 3 4 X4 Input 4 13 X5 Input 5 5 X6 Input 6 14 X7 Input 7 6 X8 Input 8 15 X9 Input 9 7 XA Input 10 16 XB Input 11 8 XC Input 12 17 XD Input 13 9 XE Input 14 18 XF Input 15 CIRCUIT DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. Input Circuit Control Circuit ■ Input Circuit 1 7 6 0V 24V DC 3 4 1 5 2 FG 16 17 18 XB 15 X9 XF 10 XD 14 X7 13 X5 12 X3 11 X1 9 XE 8 XC 7 XA 6 X8 5 X6 4 X4 3 X2 2 X0 COM ■ Input Connection Examples 1 2 X0 COM 18 XF PNP Connection 1 2 X0 COM 18 XF NPN Connection Isolation Modbus/ TCP RJ-45 CONNECTOR 1 COM X0 2 18 XF Control Circuit – + – + |