データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABC200 データシート(PDF) 9 Page - Bel Fuse Inc.

部品番号 ABC200
部品情報  High Efficiency up to 91% at 230 VAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEL [Bel Fuse Inc.]
ホームページ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 データシート(HTML) 9 Page - Bel Fuse Inc.

Back Button ABC200_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 9Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 10Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ABC200 Series
9
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.G0201_AD
NOTE: Most of the immunity requirements are derived from EN 55024: 2010.
TEST
STANDARD / DESCRIPTION
CRITERIA
ESD Contact Discharge
EN 61000-4-2, Level 2
A
RF Susceptibility
EN 61000-4-3, Level 3
A
Fast Transient/Burst
EN 61000-4-4, Level 3
B
Surge
EN 61000-4-5, Class 3
B
RF Conducted Immunity
EN 61000-4-6, Class 3
A
Voltage Dips and Interruptions
EN 61000-4-11
C
Magnetic Fields
EN 61000-4-8, Level 3
A
TEST
STANDARD / DESCRIPTION
CRITERIA
Conducted Emission
EN 55032 / CISPR 22: 0.15 … 30 MHz, QP and AVG, single unit
Class A
Radiated Emission
EN 55032 / CISPR 22: 30 MHz … 1 GHz, QP, single unit
Class A
Harmonic Emissions
IEC 61000-3-2, Vin = 100 VAC/ 60 Hz, 100% Load
Class A
IEC 61000-3-2, Vin = 240 VAC/ 50 Hz, 100% Load
Class A
Voltage Fluctuation and Flicker
EN 61000-3-3
PASS
Maximum electric strength testing is performed in the factory according to IEC/EN 62368-1, and UL 60950. Input-to-output electric
strength tests should not be repeated in the field. Bel Power Solutions will not honor any warranty claims resulting from ele ctric
strength field tests.
PARAMETER
DESCRIPTION / CONDITIONS
MIN
NOM
MAX
UNIT
Safety Approvals
Safety approved to the latest edition of the following standards:
CSA/UL60950-1, IEC/EN 62368-1
CE Mark for LVD
CB Approval
Insulation Safety Rating
Input / Case
Basic
Input / Output
Reinforced
Output / Case
Functional
dC
Creepage / Clearance
Primary (L/N) to protective earth (PE)
According to
safety standard
mm
Primary to secondary
mm
Electrical Strength Test
Input to case
2121
VDC
Input to output
4242
VDC
Output and Signals to case
500
VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com