データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QPF4530 データシート(PDF) 1 Page - Qorvo, Inc

部品番号 QPF4530
部品情報  Wi-Fi Front End Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  QORVO [Qorvo, Inc]
ホームページ  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPF4530 データシート(HTML) 1 Page - Qorvo, Inc

  QPF4530 Datasheet HTML 1Page - Qorvo, Inc QPF4530 Datasheet HTML 2Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QPF4530
Wi-Fi Front End Module
QPF4530 Data Sheet Brief 101018 | Subject to change without notice
1 of 2
www.qorvo.com
Product Overview
The Qorvo® QPF4530 is an integrated front end module (FEM)
designed for Wi-Fi 802.11ax systems. The compact form factor
and
integrated matching minimizes
layout area
in the
application.
Performance is focused on optimizing the PA for a 3.3V supply
voltage that conserves power consumption while maintaining
the highest linear output power and leading edge throughput.
Receive path matches the optimal technologies to maximize Rx
sensitivity through noise figure performance that is consistent
over a wider variety of conditions.
The receive path is pinned out so external filtering can be added
in the optimal position. Integrated die level filtering for 2nd and
3rd harmonics as well as 2.4 GHz rejection for DBDC operation
are included. A DC power detector which has voltage output
provides feedback for close loop applications.
The QPF4530 integrates a 5 GHz power amplifier (PA),
regulator, single pole two throw switch (SP2T) and bypassable
low noise amplifier (LNA) into a single device
Functional Block Diagram
Top View
16 Pin 3x3 mm QFN Package
Key Features
• 5150 – 5925 MHz
• POUT = +15dBm MCS11 HE80 -43dB Dynamic EVM
• POUT = +18dBm MCS9 VHT80 -35dB Dynamic EVM
• POUT = +19dBm MCS7 HT20/40 -30dB Dynamic EVM
• POUT = +21dBm MCS0 HT20 Spectral Mask Compliance
• Optimized for +3.3 V Operation
• 0.5W Power Consumption at POUT +17dBm
• 30 dB Tx Gain
• 2 dB Noise Figure
• 15 dB Rx Gain & 7 dB Bypass Loss
• 37 dB 2.4 GHz Rejection on Rx Path
• Integrated DC Power Detector
Applications
• Access Points
• Wireless Routers
• Client Equipment
• Customer Premise Equipment
• Internet of Things
Ordering Information
Part Number
Description
QPF4530SB
Sample bag with 5 pieces
QPF4530SQ
Sample bag with 25 pieces
QPF4530SR
7
” reel with 100 pieces
QPF4530TR13-5K
13
” reel with 5,000 pieces
QPF4530PCK-01
Assembled Evaluation Board


同様の部品番号 - QPF4530

メーカー部品番号データシート部品情報
logo
Qorvo, Inc
QPF4532 QORVO-QPF4532 Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
QPF4532EVB QORVO-QPF4532EVB Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
QPF4532SB QORVO-QPF4532SB Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
QPF4532SR QORVO-QPF4532SR Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
QPF4532TR13 QORVO-QPF4532TR13 Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
More results

同様の説明 - QPF4530

メーカー部品番号データシート部品情報
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
Wi-Fi Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
QPF4206B QORVO-QPF4206B Datasheet
179Kb / 2P
Wi-Fi Front End Module
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
Wi-Fi Front End Module
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com