| データシートサーチシステム |
|
ACE25QC160GLFMLTH データシート(PDF) 2 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25QC160GLFMLTH データシート(HTML) 2 Page - ACE Technology Co., LTD. |
|
2 / 73 page ![]() ACE25QC160G 16M BIT SPI NOR FLASH VER 1.2 2 Flexible Architecture Sector of 4K-byte Block of 32/64K-byte Low Power Consumption 20mA maximum active current 5uA maximum power down current Software/Hardware Write Protection 3x256-Byte Security Registers with OTP Locks Discoverable Parameters (SFDP) register Enable/Disable protection with WP Pin Write protect all/portion of memory via software Top or Bottom, Sector or Block selection Single Supply Voltage Full voltage range: 2.7~3.6V Temperature Range Industrial (-40℃ to 85℃) Cycling Endurance/Data Retention Typical 100k Program-Erase cycles on any sector Typical 20-year data retention at 55℃ |