| データシートサーチシステム |
|
ACE34AC04FMTH データシート(PDF) 3 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE34AC04FMTH データシート(HTML) 3 Page - ACE Technology Co., LTD. |
|
3 / 22 page ![]() ACE34AC04 4K I 2C Serial EEPROM with Software Write Protection VER 1.1 3 Block Diagram Pin Description (A) Serial Clock (SCL) The rising edge of this SCL input is to latch data into the EEPROM device while the falling edge of this clock is to clock data out of the EEPROM device. (B) Device / Chip Select Addresses (A2, A1, A0) These are the chip select input signals for the serial EEPROM devices. Typically, these signals are hardwired to either VIH or VIL. If left unconnected, they are internally recognized as VIL. (C) Serial Data Line (SDA) SDA data line is a bi-directional signal for the serial devices. It is an open drain output signal and can be wired-OR with other open-drain output devices. |