| データシートサーチシステム |
|
ACE4559P435DFH データシート(PDF) 2 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE4559P435DFH データシート(HTML) 2 Page - ACE Technology Co., LTD. |
|
2 / 15 page ![]() ACE4559P 150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current VER 1.1 2 Absolute Maximum Ratings Symbol Items Value Unit VCC Input Voltage -0.3~7 V VPROG PROG Voltage -0.3~7 V VBAT BAT Voltage -0.3~7 V VCHGb CHGb Voltage -0.3~7 V IBAT Battery Charge Current 150 mA PDMAX Power Dissipation 0.5 W TJ Junction Temperature -40~125 ℃ Tstg Storage Temperature -55 to 150 ℃ Tsolder Package Lead Soldering Temperature 260℃, 10s Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability. Recommended Operating Conditions Symbol Items MIN NOM MAX UNIT VCC Input operating voltage range 4.5 5 5.5 V IBAT Battery charge current range 1 50 150 mA TJ Junction temperature 0 125 ℃ RPROG CC mode charge current programming resistor 1 2 100 KΩ Packaging Type TDFN1*1-6L BAT NC CHGb VCC PROG GND |