| データシートサーチシステム |
|
ICS950403 データシート(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950403 データシート(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 18 page ![]() 7 ICS950403 Advance Information 0732—01/27/03 I 2C Table: Read back Control Function Bit 7 WDHRB WD Hard Alarm Status Read back R- - X Bit 6 WDSRB WD Soft Alarm Status Read back R- - X Bit 5 24_48SEL 24_48SEL pin Control R By S/W By Latched 1 Bit 4 FS3 FS3 on POR state R By S/W By Latched 1 Bit 3 FS2 FS2 on POR state R By S/W By Latched 1 Bit 2 FS1 FS1 on POR state R By S/W By Latched 1 Bit 1 FS0 FS0 on POR state R By S/W By Latched 1 Bit 0 Reserved Reserved R - - 0 I 2C Table: Output Control Register Control Function Bit 7 HTTCLK0 Output Control RW Disable Enable 1 Bit 6 PCICLK9/HTTCLK3 Output Control RW Disable Enable 1 Bit 5 PCICLK8/HTTCLK2 Output Control RW Disable Enable 1 Bit 4 PCICLK7/HTTCLK1 Output Control RW Disable Enable 1 Bit 3 PCICLK_F Output Control RW Disable Enable 1 Bit 2 Reserved Reserved RW - - 0 Bit 1 Reserved Reserved RW - - 0 Bit 0 Reserved Reserved RW - - 0 I 2C Table: Byte Count Register Control Function Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 1 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 1 I 2C Table: Vendor and Revision ID Register Control Function Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 0 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 - - - - - - - Byte 7 Pin # - - PWD - Type Name 0 1 Writing to this register will configure how many bytes will be read back, default is 0F = 15 bytes. - - Byte 6 Pin # 23 - - - 6 11 8 7 - Byte 5 Pin # Name - - - - - Name Type Byte 4 Pin # - - PWD Name 0 Type PWD PWD 1 Type 0 1 - - - - REVISION ID VENDOR ID 01 |