データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R7K4FE-6-DC16-R データシート(PDF) 2 Page - M-System Co.,Ltd.

部品番号 R7K4FE-6-DC16-R
部品情報  Remote I/O R7K4F Series ETHERNET I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FE-6-DC16-R データシート(HTML) 2 Page - M-System Co.,Ltd.

  R7K4FE-6-DC16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R7K4FE-6-DC16
R7K4FE-6-DC16 SPECIFICATIONS
ES-7778-A Rev.2 Page 2/7
https://www.m-system.co.jp/
Data: RTU (Binary)
Max. number of socket connections: 2
Transmission media: 10BASE-T (STP, Category 5) 100BASE-
TX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
IP address: 192.168.0.1 (factory setting);
Selectable with PC Configurator Software (model: R7CFG)
Port No.: 502
Ethernet indicator LED: Link, Link100, COL
(Refer to the insruction manual)
OUTPUT SPECIFICATIONS
Common: 1 common per 1 point (16 points)
Maximum load current: 2.0 A per point
Maximum outputs applicable at once: No limit (at 24 V DC)
Output supply voltage/current: 24 V DC ±10 %/ ≥ 120 mA
Rated load: 250 V AC @ 2A, 30 V DC @ 2A
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 500 VA (AC), 60 W (DC)
Minimum applicable load: 5 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles per min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
ON delay time: ≤ 10 msec.
OFF delay time: ≤ 10 msec.
INSTALLATION
Current consumption
•DC: Approx. 130 mA (contact output load charge is not
included)
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 330 g (0.73 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(output 0 to output 1 to output 2 to output 3 to output 4 to
output 5 to output 6 to output 7 to output 8 to output 9 to
output 10 to output 11 to output 12 to output 13 to output
14 to output 15 to Ethernet or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to power: Basic insulation (250 V)
RoHS Directive
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
PARAMETER
SETTING RANGE
DEFAULT
SETTING
IP Adress
0.0.0.0ー
255.255.255.255
192.168.0.1
Subnet Mask
0.0.0.0ー
255.255.255.255
255.255.255.0
Linger Time
0ー3276.7(sec.) 180.0(sec.)
Time Out
0ー3276.7(sec.) 3.0(sec.)



Html Pages

1 2 3 4 5 6 7