| データシートサーチシステム |
|
R7K4FML3-6-DA32-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7K4FML3-6-DA32-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 7 page ![]() MODEL: R7K4FML3-6-DA32 R7K4FML3-6-DA32 SPECIFICATIONS ES-7773-A Rev.1 Page 2/7 http://www.m-system.co.jp/ msec. (with 1 msec. increments) Communication cycle: 125 µsec. through 64 msec. Applicable profile: Standard I/O profile (cyclic communication) Event-driven communication acquiring ID profile (event- driven communication) Transmission bytes: 16 bytes Station address: 03H through EFH (set with rotary switches) Cyclic communication: Available Event-driven communication: Available Slave monitoring: None INPUT SPECIFICATIONS Common: Positive or negative common (NPN/PNP) per 32 points Maximum inputs applicable at once: No limit (at 24 V DC) Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max. ON voltage / current: ≥ 15 V DC (input – COM) / ≥ 3.5 mA OFF voltage / current: ≤ 5 V DC (input – COM) / ≤ 1 mA Input current: ≤ 5.5 mA per point at 24 V DC Input resistance: Approx. 4.4 kΩ ON delay: ≤ 0.2 msec. OFF delay: ≤ 0.5 msec. INSTALLATION Current consumption •DC at 24 V DC: ≤ 100 mA Operating temperature: -10 to +55°C (14 to 131°F) Storage temperature: -20 to +65°C (-4 to +149°F) Operating humidity: 30 to 90 %RH (non-condensing) Atmosphere: No corrosive gas or heavy dust Mounting: Surface or DIN rail (35 mm rail) Weight: 330 g (0.73 lb) PERFORMANCE Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @ 1 minute (input to MECHATROLINK or FE to power) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 Approval: UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1-12) (UL 61010-2-201, CAN/CSA-C22.2 No.61010-2-201) |