データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD301 データシート(PDF) 54 Page - STMicroelectronics

部品番号 PSD301
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301 データシート(HTML) 54 Page - STMicroelectronics

Back Button PSD301 Datasheet HTML 50Page - STMicroelectronics PSD301 Datasheet HTML 51Page - STMicroelectronics PSD301 Datasheet HTML 52Page - STMicroelectronics PSD301 Datasheet HTML 53Page - STMicroelectronics PSD301 Datasheet HTML 54Page - STMicroelectronics PSD301 Datasheet HTML 55Page - STMicroelectronics PSD301 Datasheet HTML 56Page - STMicroelectronics PSD301 Datasheet HTML 57Page - STMicroelectronics PSD301 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
PSD3XX Family
51
Figure 27. Timing of 16-Bit Multiplexed Address/Data Bus Using R/W, E or R/W, DS
(PSD3X2/3X3)
18
19
33
DATA VALID
CSI/A19
as CSI
1
32
7
15
32
32
14
14
6
6
10
9
ADDRESS A
ADDRESS B
2
3
35
13
4
2
16
17
20
23
23
ADDRESS A
ADDRESS B
INPUT
INPUT
OUTPUT
OUTPUT
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
Direct (1)
PAD Input
Multiplexed (2)
Inputs
DATA
IN
A0/AD0-
A15/AD15
Active Low
AS
Active High
AS
BHE/PSEN
as BHE
Any of
PA0-PA7
as I/O Pin
Any of
PA0-PA7 Pins
as Address
Outputs
Any of
PB0-PB7
as I/O Pin
1
3
35
34
34
33
8
12
5
12
13
RD/E/DS as E
RD/E/DS as E
RD/E/DS as E
RD/E/DS as E
WR/VPP or
R/W as R/W
RD/E/DS as DS
36
See referenced notes on page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85