| データシートサーチシステム |
|
ADA4570WHRZ-R7 データシート(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4570WHRZ-R7 データシート(HTML) 14 Page - Analog Devices |
|
14 / 14 page ![]() Data Sheet ADA4570 OUTLINE DIMENSIONS ©2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. One Analog Way, Wilmington, MA 01887-2356, U.S.A. Rev. 0 | 14 of 14 AUTOMOTIVE PRODUCTS The ADA4570W models are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models. |