| データシートサーチシステム |
|
VSC880TY データシート(PDF) 12 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC880TY データシート(HTML) 12 Page - Vitesse Semiconductor Corporation |
|
12 / 28 page ![]() VITESSE SEMICONDUCTOR CORPORATION Data Sheet VSC880 High Performance 16x16 Serial Crosspoint Switch Page 12 G52191-0, Rev 4.2 01/05/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Figure 5: Built-in Self-Test Functional Timing The signal BSTRST is used to reset the PRBS pattern, and there is a comparator that sets the signal BSTPASS HIGH if the test was successful. The functional timing diagram above shows a typical test sequence. The PRBS pattern generator can also be tested by itself by setting the control register bit BIST HIGH. This loops the output of the pattern generator directly back to the comparator circuit. This test will be typically run before running the tests described above. In this case, the signals BSTEN, BSTRST and BSTPASS will operate as shown in the Figure 5 above. The BIST test can be run on no more than two ports at a time, for example: port 0 →port 3→port 8→port 0. REFCLK ADDR[4:0] BSTRST BSTPASS < 10 µS |