データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54F407 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54F407
部品情報  DATA ACCESS REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F407 データシート(HTML) 2 Page - National Semiconductor (TI)

  54F407 Datasheet HTML 1Page - National Semiconductor (TI) 54F407 Datasheet HTML 2Page - National Semiconductor (TI) 54F407 Datasheet HTML 3Page - National Semiconductor (TI) 54F407 Datasheet HTML 4Page - National Semiconductor (TI) 54F407 Datasheet HTML 5Page - National Semiconductor (TI) 54F407 Datasheet HTML 6Page - National Semiconductor (TI) 54F407 Datasheet HTML 7Page - National Semiconductor (TI) 54F407 Datasheet HTML 8Page - National Semiconductor (TI) 54F407 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Unit LoadingFan Out
54F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D3
Data Inputs (Active LOW)
10067
20 mA b04 mA
I0–I3
Instruction Word Inputs
10067
20 mA b04 mA
CI
Carry Input (Active LOW)
10067
20 mA b04 mA
CO
Carry Output (Active LOW)
20133 (067)
04 mA8 mA (4 mA)
CP
Clock Input (L-H Edge-Triggered)
10067
20 mA b04 mA
EX
Execute Input (Active LOW)
10067
20 mA b04 mA
EOX
Address Output Enable Input (Active LOW)
10067
20 mA b04 mA
EO0
Data Output Enable Input (Active LOW)
10067
20 mA b04 mA
X0–X3
Address Outputs
284 (100)267 (133) b57 mA (2 mA)16 mA (8 mA)
O0–O3
Data Outputs (Active LOW)
284 (100)267 (133) b57 mA (2 mA)16 mA (8 mA)
Functional Description
The ’F407 contains a 4-bit slice of three Registers (R0–R2)
a 4-bit Adder a TRI-STATE Address Output Buffer (X0–X3)
and a separate Output Register with TRI-STATE buffers
(O0–O3) allowing output of the register contents on the
data bus (refer to the Block Diagram) The DAR performs
sixteen instructions selected by I0–I3 as listed in the Func-
tion Table
The ’F407 operates on a single clock CP and EX are inputs
to a 2-input active LOW AND gate For normal operation EX
is brought LOW while CP is HIGH A microcycle starts as the
clock goes HIGH Data inputs D0–D3 are applied to the
Adder as one of the operands Three of the four instruction
lines (I1–I2–I3) select which of the three registers if any is
to be used as the other operand The LOW-to-HIGH CP
transition writes the result from the Adder into a register
(R0–R2) and into the output register provided EX is LOW If
the I0 instruction input is HIGH the multiplexer routes the
result from the Adder to the TRI-STATE Buffer controlling
the address bus (X0–X3) independent of EX and CP The
’F407 is organized as a 4-bit register slice The active LOW
CI and CO lines allow ripple-carry expansion over longer
word lengths
In a typical application the register utilization in the DAR
may be as follows R0 is the Program Counter (PC) R1 is
the Stack Pointer (SP) for memory resident stacks and R2
contains the operand address For an instruction Fetch PC
can be gated on the X-Bus while it is being incremented
(ie D-Bus e 1) If the fetched instruction calls for an effec-
tive address for execution which is displaced from the PC
the displacement can be added to the PC and loaded into
R2 during the next microcycle
Function Table
Instruction
Combinatorial Function
Sequential Function Occurring
I3
I2
I1
I0
Available on the X-Bus
on the Next Rising CP Edge
LLLL
R0
R0 Plus D Plus CI
x R0 and 0-Register
LLL
H
R0 Plus D Plus CI
L
LHL
R0
R0 Plus D Plus CI
x R1 and 0-Register
LL
H
H
R0 Plus D Plus CI
LHL
L
R0
R0 Plus D Plus CI
x R2 and 0-Register
LHLH
R0 Plus D Plus CI
LH
HL
R1
R1 Plus D Plus CI
x R1 and 0-Register
L
HHH
R1 Plus D Plus CI
H
LLL
R2
D Plus CI
x R2 and 0-Register
H
L
L
H
D Plus CI
HLHL
R0
D Plus CI
x R0 and 0-Register
H
L
H
H
D Plus CI
HH
L
L
R2
R2 Plus D Plus CI
x R2 and 0-Register
H
HLH
R2 Plus D Plus CI
HHH
L
R1
D Plus CI
x R1 and 0-Register
HHHH
D Plus CI
H e HIGH Voltage Level
L e LOW Voltage Level
2



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com