| データシートサーチシステム |
|
R8-PC4A/A データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R8-PC4A/A データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: R8-PC4A R8-PC4A SPECIFICATIONS ES-9795 Rev.4 Page 3/5 http://www.m-system.co.jp/ EXTERNAL VIEW RUN Module Address Setting Rotary SW Function Setting DIP SW Terminator DIP SW 1 0 9 1 0 9 SW1 x10 1 2 3 4 5 6 7 8 x1 SW2 SW4 SW3 Term On On Status Indicator LED Output Status Indicator LED Internal Bus Connector Output Connectors FRONT VIEW SIDE VIEW CARD ADD. PO1 PO2 PO3 PO4 1 0 9 1 0 9 OPERATING MODE SETTING (*) Factory setting ■ Module Address The left switch determines the tenth place digit, while the right one does the ones place digit of the module address. Address is selected between 0 to 30. (Factory setting: 0) Module Address Setting (x1) Module Address Setting (x10) 1 0 9 1 0 9 ■ Counter Reset (SW4-1) 1) Turn the power off. 2) Turn ON the Counter Reset SW (SW4-1). 3) Return the module to the base and turn the power supply ON. The status indicator LED turns ON in amber. 4) Wait at least 5 seconds. Turn the power supply OFF. 5) Turn OFF the Counter Reset SW (SW4-1). 6) Return the module to the base and turn the power supply ON. Note: Counter Reset SW must be turned OFF after this procedure because the module does not start counting with ON state. ■ ON/OFF Pulse Width: (SW4-2, 3, 4, 5, 6, 7) Setting for all outputs. Setting for each output can be done with a PC. ON OFF PULSE WIDTH TIME *1 2 3 4 5 6 7 OFF OFF OFF OFF OFF OFF 5 msec.(*) ON OFF OFF ON OFF OFF 10 msec. OFF ON OFF OFF ON OFF 15 msec. ON ON OFF ON ON OFF 100 msec. OFF OFF ON OFF OFF ON 500 msec. ON OFF ON ON OFF ON 1 sec. OFF ON ON OFF ON ON 1.5 sec. ON ON ON ON ON ON 2 sec. *1. Minimum ensured time duration. For example, with 5 msec. setting, the minimum pulse width is 5 msec. (Max. value = Setting time + 2 msec.) ■ Configuration Mode CONFIGURATION MODE SW4 8 DIP switch setting (*) OFF PC Configurator and communication ON TERMINATOR SW SW3 Without (*) OFF With ON ■ Terminator DIP SW |