| データシートサーチシステム |
|
STHDM1001A データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STHDM1001A データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 17 page ![]() STHDMI001A 3 DC and AC Parameters 7/17 3 DC and AC Parameters Table 5. Electrical Characteristics Note: 1 Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 3.3V ± 10% (except where noted). 2 Measured by voltage drop between channels at the indicated current through the switch. On- resistance is determined by the lower of the two voltages. 3 Flatness is defined as the difference between the RONMAX and the RONMIN of the on resistance over the specified range. 4 ∆R ON measured at the same VCC, temperature and voltage level. Symbol Parameter Test Conditions1 Min. Typ. Max. Unit VIH HIGH Level Input Voltage High Level Guaranteed 2.0 V VIL LOW Level Input Voltage Low Level Guaranteed –0.5 0.8 V VIK Clamp Diode Voltage VCC = 3.6V, IIN = –18mA –0.8 –1.2 V IIH Input High Current VCC = 3.6V, IIN = VCC ±5 µA IIL Input Low Current VCC = 3.6V, IIN = GND ±5 µA IOFF Power Down Leakage Current VCC = 0V; Data0+, Data0–, Data1+, Data1–, Data2+, Data2–, Clock+, Clock– = 0V; A0+ to AClock– and B0+ to BClock– = 3.6V ±5 µA RON Switch ON resistance (Note 2) VCC = 3.0V, VIN = 1.5 to VCC IIN = –40mA 5.5 7.5 Ω RFLAT ON resistance flatness (Note 2,3) VCC = 3.0V, VIN = 1.5 to VCC IIN = –40mA 0.8 Ω ∆R ON ON resistance match between channels ∆R ON = RONMAX – RONMIN (Note 3,4) VCC = 3.0V, VIN = 1.5 to VCC IIN = –40mA 0.5 1 Ω |