| データシートサーチシステム |
|
DWM1001-DEV データシート(PDF) 12 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
DWM1001-DEV データシート(HTML) 12 Page - Qorvo, Inc |
|
12 / 15 page ![]() DWM1001 Module Development Board Datasheet © Decawave Ltd 2017 Subject to change without notice Version 1.3 Page 12 8 DEVELOPMENT BOARD SOLDER BRIDGE JUMPERS The Module Development Board has eight solder bridge jumpers. These can be used to allow evaluation of different aspects of the DWM1001 modules performance. For example Solder Bridge J4 can be desoldered and a resistor placed across connector J2 to allow measurement of the modules current consumption. Table 4 gives a list of these jumpers, their purpose and the state they are in when leaving the factory. Investigation of the schematic of the Module Development board at the end of this document will give further details on their use. Table 4: A list of solder jumpers available on the Module Development Board Jumper Number Purpose Default State J3 Desolder to disconnect user LEDs from the module Closed J5 Desolder to disconnect Tx and Rx LEDs from the module Closed J4 Desolder to measure module current in J2 Closed J6 Desolder to disconnect Reset button from J-Link Closed J13 Solder to connect UART Rx between Module and Raspberry Pi Closed J14 Desolder to disconnect module RXD from J-Link Closed J15 Desolder to disconnect module TXD from J-Link Closed J16 Desolder to disconnect power to J-Link Closed |