データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-332 データシート(PDF) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-332
部品情報  BACnet/IP Fieldbus Coupler; 4th generation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-332 データシート(HTML) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

  750-332 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-332 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data sheet | Item number: 750-332
www.wago.com/750-332
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
25.08.2021    Page /
5 10
FBC750
Ship Approvals
Logo
Approval
Additional Approval Text
Certificate
name
DNV GL
Det Norske Veritas, Germanischer Lloyd
-
TAA0000194
Other Approvals
Logo
Approval
Additional Approval Text
Certificate
name
BACnet
WSP Cert
-
BTL-
30463-1
UL-Approvals
Logo
Approval
Additional Approval Text
Certificate
name
UL
Underwriters Laboratories Inc. (ORDINARY
LOCATIONS)
UL 61010-2-201
E175199
Sec11
Required accessories
Memory card
Item no.: 758-879/000-2108
Memory Card SD; pSLC-NAND; 8 GB; Temperature range: -40 to 90°C
www.wago.com/758-879
/000-2108
Optional accessories
Shield termination
Item no.: 790-108
Shield clamping saddle; 11 mm wide; diameter of compatible conductor; 3 ... 8 mm
www.wago.com/790-108
Item no.: 790-116
Shield clamping saddle; 19 mm wide; diameter of compatible conductor; 7 ... 16 mm
www.wago.com/790-116
Item no.: 790-124
Shield clamping saddle; 27 mm wide; diameter of compatible conductor; 6 ... 24 mm
www.wago.com/790-124
Item no.: 790-140
www.wago.com/790-140



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com