データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC92071L6ML データシート(PDF) 2 Page - Torex Semiconductor

部品番号 XC92071L6ML
部品情報  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC92071L6ML データシート(HTML) 2 Page - Torex Semiconductor

  XC92071L6ML Datasheet HTML 1Page - Torex Semiconductor XC92071L6ML Datasheet HTML 2Page - Torex Semiconductor XC92071L6ML Datasheet HTML 3Page - Torex Semiconductor XC92071L6ML Datasheet HTML 4Page - Torex Semiconductor XC92071L6ML Datasheet HTML 5Page - Torex Semiconductor XC92071L6ML Datasheet HTML 6Page - Torex Semiconductor XC92071L6ML Datasheet HTML 7Page - Torex Semiconductor XC92071L6ML Datasheet HTML 8Page - Torex Semiconductor XC92071L6ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
" PIN CONFIGURATION
" PIN ASSIGNMENT
SOT-25 (TOP VIEW)
" PRODUCT CLASSIFICATION
# Ordering Information
XC9206
1 2 3 4 5 6
: PWM Control
XC9207
1 2 3 4 5 6
: PWM / PFM Automatic Switching Control
XC9208
1 2 3 4 5 6
: PWM control, PWM / PFM Automatic Switching Control Manually Selectable
Transistor built-in, output voltage internally set (VOUT product), soft start internally set.
A : Current Limiter 600mA
Denotes output voltage :
ex. ) 1.5V Output
!
2 = 1, 3 = 5
1.85V Output
!
2 = 1, 3 = L
2.85V Output
!
2 = 2, 3 = L
Denotes oscillation frequency :
3 : 300kHz
6 : 600kHz
C : 1.2MHz
Denotes package types :
M : SOT-25
Denotes device orientation :
R : Embossed Tape : Standard Feed
L : Embossed Tape : Reverse Feed
* Output voltage 0.9V ~ 4.0V (100mV steps), 1.85V and 2.85V are standard products.
Output voltages other than these are available as semi-custom products.
" PACKAGING INFORMATION
$ SOT-25
Output Voltage Sense
Chip Enable/Mode Switch
5
6
4
1
SYMBOL
Power Input
5
1
2
3
4
Switching Output
Ground
DESCRIPTION
VOUT
CE/MODE
VIN
LX
VSS
XC9206 / 9207/ 9208 Series
PIN NAME
PIN NUMBER
FUNCTIONS
2, 3
Semiconductor Ltd.
12
3
4
5
VOUT
Lx
CE/MODE
VSS
VIN
Data Sheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com