データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDS-408G/AC-EU データシート(PDF) 3 Page - Microchip Technology

部品番号 PDS-408G/AC-EU
部品情報  Digital Ceiling PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PDS-408G/AC-EU データシート(HTML) 3 Page - Microchip Technology

  PDS-408G/AC-EU Datasheet HTML 1Page - Microchip Technology PDS-408G/AC-EU Datasheet HTML 2Page - Microchip Technology PDS-408G/AC-EU Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective
companies.
© 2020, Microchip Technology Incorporated. All Rights Reserved. 3/20
DS00003432A
www.microchip.com
For More Information
www.microsemi.com
http://www.microchip.com/design-centers/power-over-ethernet
Feature
Description
Connectors Shielded
RJ-45, EIA 568A and 568B
SFP Cage
AC Input Connector
Universal 3 pins (IEC60320 Type C14), option to connect external junction box
Environmental
Operating Ambient Temperature: 32ºF to 113ºF (0ºC to 45ºC)
Operating Humidity: Maximum 90%, Non-condensing
Storage Temperature: –40ºF to +158ºF (–40ºC to +70ºC)
Storage Humidity: Maximum 95%, non-condensing
Reliability MTBF: 100,000 hours @ 25ºC
Warranty
1 year
Regulatory
ROHS, WEEE, and CE
Electromagnetic Emission and
Immunity
FCC Class B
EN 55032 Class B
EN 55024
EN 61000-3-2
EN 61000-3-3
Safety Approvals
UL/EN/IEC 60950-1 (ed.2)
UL 2043, Plenum rating
PDS-408G Switch
Ordering Information
Product
Description
Part Numbers
PDS-408G/AC
8+3 ports POE Switch, AC input
PDS-408G/AC-US: US Plug
PDS-408G/AC-EU: EU Plug
PDS-408G/AC-UK: UK Plug
PDS-408G/AC-AU: AU Plug



Html Pages

1 2 3