| データシートサーチシステム |
|
HSML-A101-R8WJ1 データシート(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSML-A101-R8WJ1 データシート(HTML) 6 Page - Agilent(Hewlett-Packard) |
|
6 / 13 page ![]() 6 Packaging Option Color Bin Selection Intensity Bin Select Device Specific Configuration Package Type LED Chip Color HSM x1 - A x2 x3x4 - x5x6 x7 x8x9 Part Numbering System Absolute Maximum Ratings (TA = 25°C) Parameters HSMS/D/Y/G HSMH HSMC/J/L/A HSME HSMZ/V/U HSMM/K/B/N DC Forward Current[1] 30 mA 30 mA 30 mA[3,4] 20 mA[3,4] 30 mA[3,4] 30 mA Peak Forward Current[2] 100 mA 100 mA 100 mA 100 mA 100 mA 100 mA Power Dissipation 63 mW 60 mW 63 mW 48 mW 72 mW 114 mW Reverse Voltage 5 V Junction Temperature 110 °C Operating Temperature –55 °C to +100°C Storage Temperature –55 °C to +100°C Notes: 1. Derate linearly as shown in Figure 4. 2. Duty factor = 10%, Frequency = 1 kHz. 3. Drive current between 10 mA and 30 mA is recommended for best long term performance. 4. Operation at current below 5 mA is not recommended. |