データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX17075EVKIT データシート(PDF) 2 Page - Maxim Integrated Products

部品番号 MAX17075EVKIT
部品情報  1.2MHz Switching Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17075EVKIT データシート(HTML) 2 Page - Maxim Integrated Products

  MAX17075EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX17075EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX17075EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX17075EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX17075EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX17075EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX17075EVKIT Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX17075 Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Sumida Corp.
847-545-6700
www.sumida.com
TDK Corp.
847-803-6100
www.component.tdk.com
Toshiba America Electronic Components, Inc.
949-623-2900
www.toshiba.com/taec
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C13
1
0.01µF ±10%, 10V X5R ceramic
capacitor (0402)
Murata GRM155R61A103K
TDK C1005X5R1A103K
C18
1
1500pF ±10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H152K
TDK C1608X7R1H152K
C19
0
Not installed, capacitor (1206)
C20
0
Not installed, capacitor (0402)
C21
1
0.22µF ±10%, 25V X7R ceramic
capacitor (0603)
Murata GRM188R71E224K
TDK C1608X7R1E224K
D1
1
3A, 30V Schottky diode (M-Flat)
Toshiba CMS02
(Top Mark: S2)
D2, D3, D4
3
220mA, 100V dual diodes (SOT23)
Fairchild MMBD4148SE
(Top Mark: D4)
JU1
1
3-pin header
JU2, JU3
2
2-pin headers
L1
1
3µH, 3ADC inductor
Sumida CDRH6D28-3R0
Q1
0
Not installed, transistor (SOT223)
Recommended: 20V, 1A npn
transistor (SOT223)
Fairchild BCP68
DESIGNATION
QTY
DESCRIPTION
Q2
0
Not installed, transistor (SOT223)
Recommended: -20V, -1.5A pnp
transistor (SOT223)
Fairchild BCP69
R1
1
10Ω ±5% resistor (0603)
R2
0
Not installed, 100Ω ±5% resistor
(0603) recommended
R3, R4, R5, R7
4
100kΩ ±1% resistors (0603)
R6
1
13.7kΩ ±1% resistor (0603)
R8
1
187kΩ ±1% resistor (0603)
R9, R16
2
20kΩ ±1% resistors (0603)
R10
1
82kΩ ±5% resistor (0603)
R11
1
8.45kΩ ±1% resistor (0603)
R12
1
10kΩ ±1% resistor (0603)
R13
1
10kΩ ±5% resistor (0603)
R14
1
1kΩ ±5% resistor (0603)
R15
1
464kΩ ±1% resistor (0603)
R17
1
10kΩ SMT cermet trimmer, 9 to 15
turns
U1
1
Boost regulator (24 TQFN)
Maxim MAX17075ETG+
3
Shunts
1
PCB: MAX17075 Evaluation Kit+
Quick Start
Required Equipment
Before beginning, the following equipment is needed:
+4.5V to +5.5V, 5A DC power supply
One voltmeter
Procedure
The MAX17075 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Verify that a shunt is installed across pins 2-3 of
jumper JU1 (VCOM unbuffered).
Note: Indicate that you are using the MAX17075 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com