データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-657 データシート(PDF) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-657
部品情報  IO-Link Master
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-657 データシート(HTML) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

  750-657 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-657 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data sheet | Item number: 750-657
www.wago.com/750-657
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
19.08.2021    Page /
4 13
Data
Technical data
Topology
Number of IO-Link ports: 4
Sensor connection
4 x (3-wire)
Actuator connection
4 x (3-wire)
Transmission modes
4.8 kBaud (COM 1), 38.4 kBaud (COM 2), 230.4 kBaud (COM 3)
Data width
4–24 bytes, configurable
Supply voltage (system)
5 VDC; via data contacts
Power consumption (5 V system supply)
40 mA
 
Supply voltage (field)
24 VDC (-15 … +20 %); via power jumper contacts (power supply via
blade contact; transmission via spring contact)
Power consumption, field supply (module with no external load)
50 mA
 
Isolation
500 V system/field
Number of incoming power jumper contacts
2
Number of outgoing power jumper contacts
2
Connection data
Connection technology: inputs/outputs
16 x Push-in CAGE CLAMP
®
Connection type (1)
Inputs/Outputs
Solid conductor
0.08 … 1.5 mm² / 28 … 16 AWG
Fine-stranded conductor
0.25 … 1.5 mm² / 22 … 16 AWG
Strip length
8 … 9 mm / 0.31 … 0.35 inch
Connection requirement, permissible cable length
20 m
 
Conductor type 1
f-st
Conductor type 2
s
Conductor type (1)
fine-stranded
Conductor type 2
solid
Physical data
Width
12 mm / 0.472 inch
Height
100 mm / 3.937 inch
Depth
69 mm / 2.717 inch
Depth from upper edge of DIN-rail
61.8 mm / 2.433 inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com