| データシートサーチシステム |
|
STUSB02EQR データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB02EQR データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 20 page ![]() STUSB02E 4 Electrical Characteristics 9/20 Table 11. AC Electrical Characteristics (VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C.) (Note 6) Note 1. Exceeding the absolute maximum rating may damage the device. Note 2. The device is not guaranteed to function outside its operating rating. Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Note 4. Specification applies to the following pins: SUS, SPD, RCV, CON, RCV, VP, VM, OE#. Note 5. Characterized specification(s), but not production tested. Note 6. All AC parameters guaranteed by design but not production tested. Symbol Parameter Test Conditions Min. Typ. Max. Unit TR Transition Rise Time (LOW SPEED) CL = 50pF (Figure 3) 75 ns CL = 600pF 300 TF Transition Fall Time (LOW SPEED) CL = 50pF (Figure 3) 75 ns CL = 600pF 300 TR, TF Rise/Fall Time Matching (LOW SPEED) (TR, TF) 80 125 % VCRS Output Signal Crossover Voltage (LOW SPEED) 1.3 2 V TR Transition Rise Time (FULL SPEED) CL = 50pF (Figure 3) 420 ns TF Transition Fall Time (FULL SPEED) CL = 50pF (Figure 3) 420 ns TR, TF Rise/Fall Time Matching (FULL SPEED) (TR, TF) 90 111.11 % VCRS Output Signal Crossover Voltage (FULL SPEED) 1.3 2 V tPVZ OE# TO RCVR Tri-State Delay Figure 2 3ns tPZD Receiver Tri-State to Transmit Delay LOW SPEED (Figure 2)13 ns FULL SPEED (Figure 2)32 tPDZ OE# TO RCVR Tri-State Delay Figure 2 6ns tPZV Driver Tri-State to Receive Delay Figure 2 27 ns tPLH tPHL VP, VM to D+, D- Propagation Delay Figure 5 16 20 ns tPLH tPHL D+, D- to RCV Propagation Delay Figure 4 13 20 ns tPLH tPHL D+, D- to VP, VM Propagation Delay Figure 4 820 ns |