| データシートサーチシステム |
|
STW4810BHD データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4810BHD データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 72 page ![]() STw4810 5 Electrical and timing characteristics Rev3 55/72 MMC Interface Table 46. VIO level: MMC interface Symbol Description Test conditions Min. Typ. Max. Units MMC Interface: MCCLK, MCFBCLK, MCCMDDIR, MCCMD, MCDATA2DIR, MCDAT2, MCDATA0DIR, MCDAT0, MCDAT31DIR, MCDAT3, MCDAT1 VIL (1) 1. Vio for VIO_VMEM Low level input voltage 0.3*Vio V VIH High level input voltage 0.7*Vio V IIL Low level input current -1.0 1.5 µA IIH High level input current -1.0 1.5 µA CIN Input capacitance 10 pF VOL Low level output voltage IOL = TBD 0.2*Vio V VOH High level output voltage IOL = TBD 0.8*Vio V CI/O Driving capability at 52 MHz 30 pF |