| データシートサーチシステム |
|
DP8496 データシート(PDF) 82 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8496 データシート(HTML) 82 Page - National Semiconductor (TI) |
|
82 / 92 page ![]() 70 AC Specifications (Continued) 723 SCSI LOST ARBITRATION TLF11212 – 57 ID Symbol Parameter Min Max Units 231 slbf SEL In Low to Bus Free bcp 400 ns Note All SCSI signals are active-high on the DP8497 724 SCSI ABORT (RE)SELECTION TLF11212 – 58 ID Symbol Parameter Optimal BCLK Worst Case Units Min Max Min Max 241 bss BSY Setup to SEL (Last Chance) (Note 1) 1 bcp 4 bcp 1 bcp 4 bcp ns 242 iuso SCSI ID Released to SEL Out High 201 250 201 400 m s Note 1 bcp refers to the BCLK period in use This formula is tested only at the frequencies listed in Table 81 All SCSI signals are active-high on the DP8497 82 |