データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TR0025A データシート(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TR0025A
部品情報  Dielectric filter 5235 MHz SMD 8.7X4.27 mm (BW=180MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TR0025A データシート(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TR0025A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TR0025A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TR0025A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TR0025A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TR0025A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TR0025A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TR0025A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
F. RECOMMENDED REFLOW PROFILE :
Products can be assembled following Pb-free assembly. According to the Standard IPC/JEDEC
J-STD-020C, the temperature profile suggested is as follow:
Phase
Profile features
Pb-Free Assembly
(SnAgCu)
PREHEAT
-Temperature Min(Tsmin)
-Temperature Max(Tsmax)
-Time(ts) form (Tsmin to Tsmax)
150℃
200℃
60-120 seconds
RAMP-UP
Avg. Ramp-up Rate (Tsmax to TP)
3℃/second(max)
REFLOW
-Temperature(TL)
-Total Time above TL (t L)
217℃
30-100 seconds
PEAK
-Temperature(TP)
-Time(tp)
260℃
3 second
RAMP-DOWN
Rate
6℃ / second max.
Time from 25℃ to Peak Temperature
8 minutes max.
Composition of solder paste
96.5Sn/3Ag/0.5Cu
Solder Paste Model
SHENMAO PF606-P26
All the temperature measure point is on top surface of the component, if temperature over recommend,
it will make component surface peeling or damage.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com