| データシートサーチシステム |
|
ICS873033AMLFT データシート(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS873033AMLFT データシート(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 16 page ![]() 873033AM www.icst.com/products/hiperclocks.html REV. A OCTOBER 19, 2005 8 Integrated Circuit Systems, Inc. ICS873033 HIGH SPEED, ÷4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR APPLICATION INFORMATION FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS VCC R2 1K V_REF C1 0.1u R1 1K Single Ended Clock Input PCLK nPCLK Figure 2 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = V CC/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and V CC = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609. Figure 3 shows an example of the differential input that can be wired to accept single ended levels. The reference voltage level V BB generated from the device is connected to the negative FIGURE 3. SINGLE ENDED LVPECL SIGNAL DRIVING DIFFERENTIAL INPUT WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS input. The C1 capacitor should be located as close as possible to the input pin. PCLK nPCLK VBB C1 0.1u CLK_IN VCC |