| データシートサーチシステム |
|
MM74HC237J データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM74HC237J データシート(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 6 page ![]() AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns Symbol Parameter Conditions Typ Guaranteed Units Limit tPLH Maximum Propagation Delay A B or C to any Y Output ns tPLH Maximum Propagation Delay A B or C to any Y Output ns tPLH Maximum Propagation GL to any Y Output ns tPHL Maximum Propagation Delay GL to any Y Output ns tPLH Maximum Propagation Delay G or G to Output ns tPHL Maximum Propagation Delay G or G to Output ns tS Minimum Set Up Time at A B and C Inputs ns tH Minimum Hold Time at A B and C Inputs b ns tW Minimum Pulse Width of Enabling Pulse at GL ns AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified) TAe25 C 74HC 54HC Symbol Parameter Conditions VCC TAeb40 to 85 CTAeb55 to 125 C Units Typ Guaranteed Limits tPLH Maximum Propagation V ns Delay A B or C to any Y Output V ns V ns tPLH Maximum Propagation V ns Delay A B or C to any Y Output V ns V ns tPLH Maximum Propagation V ns GL to any Y Output V ns V ns tPHL Maximum Propagation Delay V ns GL to any Y Output V ns V ns tPLH Maximum Propagation V ns Delay G or G to Output V ns V ns tPHL Maximum Propagation V ns Delay G or G to Output V ns V ns tS Minimum Set Up Time V ns at A B and C Inputs V ns V ns tH Minimum Hold Time V ns at A B and C Inputs V ns V ns tW Minimum Pulse Width V ns of Enabling Pulse at GL V ns V ns tTLH tTHL Maximum Output Rise V ns and Fall Time V ns V ns CPD Power Dissipation pF Capacitance Note CIN Maximum Input pF Capacitance Note 5 CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC 3 |